Part Number Hot Search : 
BM29F 21200 K3555 40MHZ YSS915 UF106 BT2540 A3122ELT
Product Description
Full Text Search
 

To Download RC10S10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. RC10S01 THRU RC10S10
SILICON SILASTIC CELL RECTIFIER
VOLTAGE: 100 TO 1000V CURRENT: 10A
FEATURES
* Low cost * High surge capability * Solderable electrode surfaces * Ideal for hybrids
TECHNICAL SPECIFICATION
MECHANICAL DATA
* Polarity: Bottom or upper electrode denotes cathode according to the notice in package
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current
(Ta=55oC) (Note 2) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at rated forward current) Maximum DC Reverse Current Ta=25oC (at rated DC blocking voltage) Ta=150oC
SYMBOL
VRRM VRMS VDC
IF(AV) IFSM VF IR
RC10S RC10S RC10S RC10S RC10S RC10S UNITS 01 02 04 06 08 10 100 200 400 600 800 1000 V 70 140 280 420 560 700 V 100 200 400 600 800 1000 V
10 400 1.0 10 500 300 1 -50 to +150
o
A A V A A pF C/W o C
CJ Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 3) R(ja) Storage and Operation Junction Temperature TSTG,TJ Note: 1. Measured at 1 MHz and applied voltage of 4.0Vdc 2. When mounted to heat sink from body. 3. Thermal resistance from junction to ambient.
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of RC10S10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X